PART |
Description |
Maker |
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
LT1780 LT1780CN LT1780CSW LT1781 LT1781CN LT1781CS |
Low Power 5V RS232 Dual Driver/Receiver with 【15kV ESD Protection From old datasheet system Low Power 5V RS232 Dual Driver/Receiver with ±15kV ESD Protection Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
|
LINER[Linear Technology]
|
LT1780CSWPBF LT1781CSPBF LT1781CNPBF LT1780CNPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
EVM649EVM E649BPJ EDGE649 E649 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Octal Pin Electronics Driver/Receiver
|
SEMTECH[Semtech Corporation]
|
LT1081-15 LT1080-15 |
Advanced Low Power 5V RS232 Dual Driver/Receiver
|
Linear Technology
|
LT1381CSPBF LT1381CSTRPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16
|
Linear Technology, Corp.
|
CXA1810AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
CXA1700AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
SP385E-1 SP385E-1CA SP385E-1CT SP385E-1EA SP385E-1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C True 3V or 5V RS-232 Line Driver/Receiver
|
SIPEX[Sipex Corporation]
|
SP385EEA/TR SP385ECA/TR SP385ECT/TR |
Enhanced 3V or 5V RS-232 Line Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sipex Corporation
|
UPD4715A UPD4715ACY UPD4715AGT |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 RS-232 LINE DRIVER/RECEIVER
|
NEC, Corp. NEC[NEC]
|